Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS643LSH-I2 Fiches technique(PDF) 10 Page - Allegro MicroSystems

No de pièce ATS643LSH-I2
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSH-I2 Fiches technique(HTML) 10 Page - Allegro MicroSystems

Back Button ATS643LSH-I2 Datasheet HTML 6Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 7Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 8Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 9Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 10Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 11Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 12Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 13Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
ATS643-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating, Zero-Speed Differential GTS with Continuous Update
ATS643LSH
VPROC is directly proportional to the magnetic flux density, B,
induced by the target and sensed by the Hall elements. When
VPROC transitions through a switchpoint from the appropriate
higher or lower level, it triggers sensor switch turn-on and turn-
off. As shown in figure 3, when the switch is in the off state, as
VPROC rises through a certain limit, referred to as the operate
point, BOP, the switch toggles from off to on. When the switch is
in the on state, as VPROC falls below BOP to a certain limit, the
BHYS(#1)
Pk(#4)
Pk(#5)
Pk(#7)
Pk(#9)
Pk(#2)
Pk(#3)
Pk(#1)
Pk(#6)
Pk(#8)
BRP(#1)
BOP(#1)
BRP(#2)
BRP(#3)
BOP(#3)
BRP(#4)
BOP(#4)
BHYS(#4)
BHYS(#3)
BHYS(#2)
t+
V+
BOP(#2)
(A) TEAG varying; cases such as
eccentric mount, out-of-round region,
normal operation position shift
(B) Internal analog signal, VPROC,
typically resulting in the sensor
0
360
Target Rotation (°)
Hysteresis Band
(Delimited by switchpoints)
V+
Larger
TEAG
Smaller
TEAG
Sensor
Target
Larger
TEAG
Target
Sensor
Smaller
TEAG
Smaller
TEAG
release point, BRP, the switch toggles from on to off.
As shown in panel C of figure 4, threshold levels for the ATS643
switchpoints are established dynamically as function of the
peak input signal levels. The ATS643 incorporates an algorithm
that continuously monitors the system and updates the switch-
ing thresholds accordingly. The switchpoint for each edge is
determined by the detection of the previous two edges. In this
manner, variations are tracked in real time.
Figure 4. The Continuous Update algorithm allows the Allegro sensor to immediately interpret and adapt to significant variances in the magnetic field
generated by the target as a result of eccentric mounting of the target, out-of-round target shape, elevation due to lubricant build-up in journal gears, and
similar dynamic application problems that affect the TEAG (Total Effective Air Gap). The algorithm is used to dynamically establish and subsequently
update the device switchpoints (BOP and BRP). The hysteresis, BHYS(#x), at each target feature configuration results from this recalibration, ensuring that
it remains properly proportioned and centered within the peak-to-peak range of the internal analog signal, VPROC.
As shown in panel A, the variance in the target position results in a change in the TEAG. This affects the sensor as a varying magnetic field, which
results in proportional changes in the internal analog signal, VPROC, shown in panel B. The Continuous Update algorithm is used to establish accurate
switchpoints based on the fluctuation of VPROC, as shown in panel C.
(C) Referencing the internal analog signal, VPROC, to continuously update device response
BHYS Switchpoint
Determinant
Peak Values
1
BOP(#1)
Pk(#1), Pk(#2)
BRP(#1)
Pk(#2), Pk(#3)
2
BOP(#2)
Pk(#3), Pk(#4)
BRP(#2)
Pk(#4), Pk(#5)
3
BOP(#3)
Pk(#5), Pk(#6)
BRP(#3)
Pk(#6), Pk(#7)
4
BOP(#4)
Pk(#7), Pk(#8)
BRP(#4)
Pk(#8), Pk(#9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16