| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2145 Fiches technique(PDF) 65 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Fiches technique(HTML) 65 Page - Renesas Technology Corp |
|
65 / 829 page ![]() Rev. 2.0, 08/02, page 25 of 788 Pin No. Type Symbol FP-100B, TFP-100B TFP-144 I/O Name and Function PF7 to PF0 — 43 to 50 Input/ Output Eight input/output pins. I/O ports PG7 to PG0 — 51 to 58 Input/ Output Eight input/output pins. (The output type of PG7 to PG0 in the H8S/2160B and the H8S/2161B is NMOS push-pull.) |