Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2145 Fiches technique(PDF) 56 Page - Renesas Technology Corp

No de pièce HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Fiches technique(HTML) 56 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 52Page - Renesas Technology Corp HD64F2145 Datasheet HTML 53Page - Renesas Technology Corp HD64F2145 Datasheet HTML 54Page - Renesas Technology Corp HD64F2145 Datasheet HTML 55Page - Renesas Technology Corp HD64F2145 Datasheet HTML 56Page - Renesas Technology Corp HD64F2145 Datasheet HTML 57Page - Renesas Technology Corp HD64F2145 Datasheet HTML 58Page - Renesas Technology Corp HD64F2145 Datasheet HTML 59Page - Renesas Technology Corp HD64F2145 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 829 page
background image
Rev. 2.0, 08/02, page 16 of 788
Pin Name
Pin No.
Extended modes
Single-Chip Modes
Flash Memory
TFP-144
Mode 1
Mode 2, Mode 3
(EXPE = 1)
Mode 2, Mode 3
(EXPE = 0)
Programmer
Mode
102
A9
P21/A9/PW9
P21/PW9
2(
103
A8
P20/A8/PW8
P20/PW8
FA8
104
A7
P17/A7/PW7
P17/PW7
FA7
105
A6
P16/A6/PW6
P16/PW6
FA6
106
A5
P15/A5/PW5
P15/PW5
FA5
107
A4
P14/A4/PW4
P14/PW4
FA4
108
A3
P13/A3/PW3
P13/PW3
FA3
109
A2
P12/A2/PW2
P12/PW2
FA2
110
A1
P11/A1/PW1
P11/PW1
FA1
111
VSS
VSS
VSS
VSS
112
A0
P10/A0/PW0
P10/PW0
FA0
113
PB7/D7/
:8(:
PB7/D7/
:8(:
PB7/
:8(:
NC
114
PB6/D6/
:8(9
PB6/D6/
:8(9
PB6/
:8(9
NC
115
PB5/D5/
:8(8
PB5/D5/
:8(8
PB5/
:8(8
NC
116
PB4/D4/
:8(7
PB4/D4/
:8(7
PB4/
:8(7
NC
117
PB3/D3/
:8(6
PB3/D3/
:8(6
PB3/
:8(6/&67
NC
118
PB2/D2/
:8(5
PB2/D2/
:8(5
PB2/
:8(5/&66
NC
119
PB1/D1/
:8(4
PB1/D1/
:8(4
PB1/HIRQ4/
:8(4/
LSCI
NC
120
PB0/D0/
:8(3
PB0/D0/
:8(3
PB0/HIRQ3/
:8(3/
/60,
NC
121
D8
D8
P30/HDB0/LAD0
FO0
122
D9
D9
P31/HDB1/LAD1
FO1
123
D10
D10
P32/HDB2/LAD2
FO2
124
D11
D11
P33/HDB3/LAD3
FO3
125
D12
D12
P34/HDB4/
/)5$0( FO4
126
D13
D13
P35/HDB5/
/5(6(7
FO5
127
D14
D14
P36/HDB6/LCLK
FO6
128
D15
D15
P37/HDB7/SERIRQ
FO7
129
P80
P80
P80/HA0/
30(
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More