Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6080 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SMA6080
Description  PNP NPN Darlington 3-phase motor drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SMA6080 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SMA6080 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMA6080 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
SMA6080
R1: 4k
Ω typ R2: 100Ω typ R3: 4kΩ typ R4: 150Ω typ
(Ta=25
°C)
Symbol
Unit
VCBO
60
–60
V
VCEO
60
–60
V
VEBO
6
–6V
IC
2
–2A
ICP
4 (PW
≤1ms, Du≤50%)
–4 (PW
≤1ms, Du≤50%)
A
IB
0.5
–0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
θ j–c
6.25
°C/W
PT
W
Ratings
NPN
PNP
PNP + NPN Darlington
3-phase motor drive
External dimensions
B • • • SMA
Absolute maximum ratings
sEquivalent circuit diagram
0
0
1
2
4
3
12
3
VCE (V)
5
46
IB=10.0mA
4.0mA
2.0mA
1.2mA
0.6m
A
0.4mA
0.3mA
0
0
–1
–2
–4
–3
–1
–2
–3
VCE (V)
–5
–4
–6
–5.0mA
–2.0m
A
–1.2m
A
–1.0mA
–0.8mA
–0.6mA
–0.5mA
–0.4mA
–0.3mA
0.02
IC (A)
(VCE=4V)
0.1
0.05
1
0.5
4
30
50
1000
100
500
20000
10000
5000
typ
–0.02
IC (A)
–0.1
–0.05
–1
–0.5
–4
50
1000
100
500
10000
5000
(VCE=–4V)
typ
(VCE=4V)
20000
10000
5000
1000
500
100
50
30
0.02
0.05
0.1
0.5
1
4
IC (A)
–30
°C
Ta
=125
°C
75
°C
25
°C
(VCE=–4V)
10000
5000
1000
500
100
50
–0.02
–0.05
–0.1
–0.5
–1
–4
IC (A)
–30
°C
Ta
=1
25
°C
75
°C
25
°C
0
VBE (V)
2
13
0
3
2
1
4
(VCE=4V)
0
VBE (V)
–2
–1
–3
0
–3
–2
–1
–4
(VCE=–4V)
R1
R2
2
8
9
1
3
4
R3
7
6
10
11
5
12
R4


Numéro de pièce similaire - SMA6080

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
PNP NPN Darlington 3-phase motor drive
More results

Description similaire - SMA6080

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com