| Moteur de recherche de fiches techniques de composants électroniques |
|
CS9236-CL Fiches technique(PDF) 24 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236-CL Fiches technique(HTML) 24 Page - Cirrus Logic |
|
24 / 34 page ![]() CS9236 24 DS214PP11 Registered Parameters (Continued) COARSE TUNING (RPN 02) RPN DATA MSB LSB MSB LSB 00H 02H mmH llH DESCRIPTION COARSE TUNING (RPN 02) mm: pitch offset in semitones from A440 resolution is 100 cents (one semitone) range is 28H - 40 - 58H (-24 - 0 - +24 semitone) ll: ignored per MIDI spec The COARSE TUNING parameter (MIDI Registered Parameter Number 02) is used for fine tuning of the pitch of instru- ments played on the specified MIDI channel. The COARSE TUNING parameter provides coarse tuning in semitone units. The FINE TUNING parameter (MIDI Registered Parameter Number 01) provides high resolution control of tuning for pitch changes of up to one semitone. See description of REGISTERED PARAMETER NUMBER (Controllers 100 and 101) and DATA ENTRY (Controllers 6 and 38) Control Change messages. |