Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS9236-CL Fiches technique(PDF) 18 Page - Cirrus Logic

No de pièce CS9236-CL
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL Fiches technique(HTML) 18 Page - Cirrus Logic

Back Button CS9236-CL Datasheet HTML 14Page - Cirrus Logic CS9236-CL Datasheet HTML 15Page - Cirrus Logic CS9236-CL Datasheet HTML 16Page - Cirrus Logic CS9236-CL Datasheet HTML 17Page - Cirrus Logic CS9236-CL Datasheet HTML 18Page - Cirrus Logic CS9236-CL Datasheet HTML 19Page - Cirrus Logic CS9236-CL Datasheet HTML 20Page - Cirrus Logic CS9236-CL Datasheet HTML 21Page - Cirrus Logic CS9236-CL Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
CS9236
18
DS214PP11
Channel Voice Messages (Continued)
PITCH BEND CHANGE
EnH
llH
mmH
n = MIDI channel number
0 - FH (1 - 16)
mm,ll = value
00,00 - 40,00 - 7FH,7FH (-8192 - 0 - 8192)
The PITCH BEND CHANGE message is used to control a pitch offset from the values specified in the NOTE ON messages
received on the specified channel. The PITCH BEND CHANGE message applies to all notes on the specified channel. The
default value for PITCH BEND CHANGE is zero. The pitch bend range is set by the PITCH BEND SENSITIVITY message
(MIDI Controller 00). The default pitch bend range is +/- 2 semitones (a PITCH BEND CHANGE value of 8192 would
result in a pitch change of +2 semitones). The maximum pitch bend range is +/- 24 semitones (see PITCH BEND SENSI-
TIVITY message description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34