Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29AL008D70BAI011 Fiches technique(PDF) 40 Page - SPANSION

No de pièce S29AL008D70BAI011
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D70BAI011 Fiches technique(HTML) 40 Page - SPANSION

Back Button S29AL008D70BAI011 Datasheet HTML 36Page - SPANSION S29AL008D70BAI011 Datasheet HTML 37Page - SPANSION S29AL008D70BAI011 Datasheet HTML 38Page - SPANSION S29AL008D70BAI011 Datasheet HTML 39Page - SPANSION S29AL008D70BAI011 Datasheet HTML 40Page - SPANSION S29AL008D70BAI011 Datasheet HTML 41Page - SPANSION S29AL008D70BAI011 Datasheet HTML 42Page - SPANSION S29AL008D70BAI011 Datasheet HTML 43Page - SPANSION S29AL008D70BAI011 Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
40
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
AC Characteristics
Table 10. Word/Byte Configuration (BYTE#)
Parameter
Speed Options
JEDEC
Std
Description
55
70
90
Unit
tELFL/tELFH
CE# to BYTE# Switching Low or High
Max
5
ns
tFLQZ
BYTE# Switching Low to Output HIGH Z
Max
25
25
30
tFHQV
BYTE# Switching High to Output Active
Min
55
70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55