| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF7012 Fiches technique(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF7012 Fiches technique(HTML) 26 Page - Analog Devices |
|
26 / 28 page ![]() ADF7012 Rev. 0 | Page 26 of 28 MODULATION REGISTER G1 GAUSSIAN OOK MUST BE LOW 0ON 1 OFF .P2 P1 . PA OFF . . . . . 1 X 1 0 1 . . 1 –16.0dBm 1/31 * 14dBm 2/31 * 14dBm . . X 0 1 1 . . 13dBm 1 P6 . . . . . . . 0 0 0 0 . . 11 POWER AMPLIFIER OUTPUT LEVEL .D2 D1 . PA OFF . . . . . 1 X 0 1 0 . . 1 –16.0dBm 1/31 * 14dBm 2/31 * 14dBm . . X 0 0 1 . . 14dBm 1 D6 . . . . . . . 0 . 0 0 . . 11 IF AMPLITUDE SHIFT KEYING SELECTED, TxDATA = 0 D3 D2 D1 F DEVIATION 0 PLL MODE 0 0 0 . 1 0 1 0 1 . . 1 × –F STEP 2 × –F STEP 3 × –F STEP ....... 511 × –F STEP 0 0 1 1 . 1 D9 ....... ....... ....... ....... ....... ....... ....... 0 0 0 0 . 1 IF FREQUENCY SHIFT KEYING SELECTED FSTEP = FPFD /214 IF GAUSSIAN FREQUENCY SHIFT KEYING SELECTED POWER AMPLIFIER MODULATION DEVIATION TEST BITS GFSK MOD CONTROL S2 S1 MODULATION SCHEME 0 FSK 0 GFSK 1 ASK 1 0 1 0 1 OOK D7 D3 D2 D1 DIVIDER FACTOR 0 0 0 0 00 1 0 13 1 2 0 0 1 1 0 0 0 0 . 1... ....... ....... ....... ....... ....... ....... ....... . 1 ....... 127 . 1 . 1 MC3 MC2 MC1 GFSK MOD CONTROL 0 0 00 11 0 0 . 1 . 1 . 7 . 1 IC2 IC1 INDEX COUNTER 0 0 1 1 016 1 0 1 128 32 64 Figure 43. |