| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF7012 Fiches technique(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF7012 Fiches technique(HTML) 25 Page - Analog Devices |
|
25 / 28 page ![]() ADF7012 Rev. 0 | Page 25 of 28 N-COUNTER LATCH P1 PRESCALER 0 4/5 1 8/9 THE N-VALUE CHOSEN IS A MINIMUM OF P2 + 3P + 3. FOR PRESCALER 8/9 THIS MEANS A MINIMUM N-DIVIDE OF 91. N4 N3 N2 N1 N-COUNTER DIVIDE RATIO 0 1 0 0 . . . 1 0 1 0 . . . 0 2 3 . . . 0 0 1 . . . 0 0 0 . . . 1 254 11 1 1 1 N7 N6 N5 0 0 0 . . . 1 0 0 0 . . . 0 0 0 . . . 1 1 1 1 1 N8 0 0 0 . . . 1 1 255 12-BIT FRACTIONAL-N 8-BIT INTEGER-N MODULUS DIVIDE RATIO 0 1 2 . . . 4092 4093 4094 4095 M10 0 0 0 . . . 1 1 1 1 e.g., SETTING F = 0 IN FSK MODE TURNS ON THE Σ-∆ WHILE THE PLL IS AN INTEGER VALUE e.g., MODULUS DIVIDE RATIO = 2048 - > 1/2 ....... ....... ....... ....... ....... ....... ....... ....... ....... ....... ....... M3 0 0 0 . . . 1 1 1 1 M2 0 0 1 . . . 0 0 1 1 M1 0 1 0 . . . 0 1 0 1 M12 0 0 0 . . . 1 1 1 1 M11 0 0 0 . . . 1 1 1 1 Figure 42. |