Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFA633-RDI-KU Fiches technique(PDF) 35 Page - Crystalfontz America, Inc.

No de pièce CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Site Internet  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Fiches technique(HTML) 35 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 36Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 37Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 39Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 35
0x81: Fan Speed Report
If any of up to four fans connected to CFA633 is configured to report its speed information to the host, the CFA633 will
send Fan Speed Reports for each selected fan every 1/2 second. See command 16 (0x10): Set Up Fan
Reporting (Pg. 43).
type = 0x81
data_length = 4
data[0] is the index of the fan being reported:
0 = FAN 1
1 = FAN 2
2 = FAN 3
3 = FAN 4
data[1] is number_of_fan_tach_cycles
data[2] is the MSB of Fan_Timer_Ticks
data[3] is the LSB of Fan_Timer_Ticks
The following C function will decode the fan speed from a Fan Speed Report packet into RPM:
int OnReceivedFanReport(COMMAND_PACKET *packet, char * output)
{
int
return_value;
return_value=0;
int
number_of_fan_tach_cycles;
number_of_fan_tach_cycles=packet->data[1];
if(number_of_fan_tach_cycles<3)
sprintf(output," STOP");
else if(number_of_fan_tach_cycles<4)
sprintf(output," SLOW");
else if(0xFF==number_of_fan_tach_cycles)
sprintf(output," ----");
else
{
//Specific to each fan, most commonly 2
int
pulses_per_revolution;
pulses_per_revolution=2;
int
Fan_Timer_Ticks;
Fan_Timer_Ticks=(*(unsigned short *)(&(packet->data[2])));
return_value=((27692308L/pulses_per_revolution)*
(unsigned long)(number_of_fan_tach_cycles-3))/
(Fan_Timer_Ticks);
sprintf(output,"%5d",return_value);
}
return(return_value);
}
0x82: Temperature Sensor Report
If any of the up to 32 temperature sensors is configured to report to the host, the CFA633 will send Temperature Sensor
Reports for each selected sensor every second. See the command 19 (0x13): Set Up Temperature Reporting (Pg. 46).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86