Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ3NK50ZR-AP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STQ3NK50ZR-AP
Description  N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ3NK50ZR-AP Fiches technique(HTML) 5 Page - STMicroelectronics

  STQ3NK50ZR-AP Datasheet HTML 1Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 2Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 3Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 4Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 5Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 6Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 7Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 8Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
STD3NK50Z - STD3NK50Z-1 - STQ3NK50ZR-AP
Figure 9: Transconductance
Figure 10: Gate Charge vs Gate-source Voltage
Figure 11: Static Drain-Source On Resistance
Figure 12: Capacitance Variations
Figure 13: Normalized Gate Threshold Voltage
vs Temperature
Figure 14: Source-Drain Forward Characteris-
tics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14