Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ3NK50ZR-AP Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STQ3NK50ZR-AP
Description  N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ3NK50ZR-AP Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STQ3NK50ZR-AP Datasheet HTML 6Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 7Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 8Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 9Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 10Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 11Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 12Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 13Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
STD3NK50Z - STD3NK50Z-1 - STQ3NK50ZR-AP
Table 10: Revision History
Date
Revision
Description of Changes
09-Jul-2004
1
First Release.
17-Jan-2005
2
Complete Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14