Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8802SCFT Fiches technique(PDF) 57 Page - Wolfson Microelectronics plc

No de pièce WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Fiches technique(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 53Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 54Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 55Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 56Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 57Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 58Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 59Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 60Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
57
READ REGISTER OUTPUT CONTENTS
REGISTER
ADDRESS
DO23
DO22
DO21
DO20
DO19
DO18
DO17
DO16
CCB address: 0xEA
F4096
F2048
F1024
F0512
DTSES
DTS51
IEC1937
CSBIT1
CSBIT1
Channel status bit 1 detection
0: PCM
1: Non-PCM
IEC1937
IEC61937 burst preamble detection
0: Pa, Pb not detected
1: Pa, Pb detected
DTS51
DTS-CD/LD 5.1 channel sync signal detection
0: DTS-CD-LD sync signal not detected
1: DTS-CD-LD sync signal detected
DTSES
DTS ES-CD/LD 6.1 channel sync signal detection
0: DTS ES-CD/LD sync signal not detected
1: DTS ES-CD/LD sync signal detected
F0512
DTS-CD/LD IEC60958 frame interval
0: Sync signal not 512 or 1024 frame interval
1: Sync signal is 512 or 1024 frame interval
F1024
DTS-CD/LD IEC60958 frame interval
0: Sync signal not 1024 or 2048 frame interval
1: Sync signal is 1024 or 2048 frame interval
F2048
DTS-CD/LD IEC60958 frame interval
0: Sync signal not 2048 or 4096 frame interval
1: Sync signal is 2048 or 4096 frame interval
F4096
DTS-CD/LD IEC60958 frame interval
0: Sync signal not 4096 frame interval
1: Sync signal is 4096 frame interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65