| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8802SCFT Fiches technique(PDF) 55 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802SCFT Fiches technique(HTML) 55 Page - Wolfson Microelectronics plc |
|
55 / 65 page ![]() Product Preview WM8802 w PP Rev 1.1 April 2004 55 READ REGISTER OUTPUT CONTENTS REGISTER ADDRESS DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 CCB address: 0XEA RXDET7 RXDET6 RXDET5 RXDET4 RXDET3 RXDET2 RXDET1 RXDET0 RXDET0 RX0 input detection 0: No input data to RX0 1: Input data to RX0 RXDET1 RX1 input detection 0: No input data to RX1 1: Input data to RX1 RXDET2 RX2 input detection 0: No input data to RX2 1: Input data to RX2 RXDET3 RX3 input detection 0: No input data to RX3 1: Input data to RX3 RXDET4 RX4 input detection 0: No input data to RX4 1: Input data to RX4 RXDET5 RX5 input detection 0: No input data to RX5 1: Input data to RX5 RXDET6 RX6 input detection 0: No input data to RX6 1: Input data to RX6 RXDET7 Modulation function output TXO data detection 0: No data to modulation function output TXO 1: Data to modulation function output TXO For RXDET0 to RXDET7 read, RXMON must be set to High first. |