Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH60L06W Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STTH60L06W
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60L06W Fiches technique(HTML) 4 Page - STMicroelectronics

  STTH60L06W Datasheet HTML 1Page - STMicroelectronics STTH60L06W Datasheet HTML 2Page - STMicroelectronics STTH60L06W Datasheet HTML 3Page - STMicroelectronics STTH60L06W Datasheet HTML 4Page - STMicroelectronics STTH60L06W Datasheet HTML 5Page - STMicroelectronics STTH60L06W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STTH60L06
4/6
Figure 9: Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10: Forward recovery time versus dIF/dt
(typical values)
Figure
11:
Junction
capacitance
versus
reverse voltage applied (typical values)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
FF(AV)
j
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
FF(AV)
j
V
=1.1 x V max.
FR
F
10
100
1000
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j



Html Pages

1 2 3 4 5 6