| Moteur de recherche de fiches techniques de composants électroniques |
|
STTH60L06W Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH60L06W Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() ® 1/6 Table 1: Main Product Characteristics IF(AV) 60 A VRRM 600 V Tj 175°C VF (typ) 0.95 V trr (max) 70 ns STTH60L06 TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER Table 3: Absolute Ratings (limiting values) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 600 V IF(RMS) RMS forward voltage 90 A IF(AV) Average forward current Tc = 110°C δ = 0.5 60 A IFSM Surge non repetitive forward current tp = 10ms sinusoidal 400 A Tstg Storage temperature range -65 to + 175 °C Tj Maximum operating junction temperature 175 °C K A DO-247 STTH60L06W September 2004 REV. 2 FEATURES AND BENEFITS ■ Ultrafast switching ■ Low reverse current ■ Low thermal resistance ■ Reduces switching & conduction losses DESCRIPTION The STTH60L06, which is using ST Turbo 2 600V technology, is specially suited for use in switching power supplies, and industrial applications, as rectification and discontinuous mode PFC boost diode. Thanks to its low VF characteristics, this device exhibits high performances in free- wheeling applications. Table 2: Order Codes Part Number Marking STTH60L06W STTH60L06W |
Numéro de pièce similaire - STTH60L06W |
|
Description similaire - STTH60L06W |