Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TESEO-LIV3R Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce TESEO-LIV3R
Description  Tiny ROM GNSS module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3R Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button TESEO-LIV3R Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3R Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DS12821 Rev 2
25/30
Teseo-LIV3R
Labeling information
29
15
Labeling information
The labeling of Teseo-LIV3R reports product information.
Information layout of the product is shown in Figure 10
Figure 10. Labeling information of Teseo-LIV3R
Information description is reported in Table 9.
Table 9. Labeling information description
Items
Description
Internal production code
Information code related only to the production line
QR Sample code
QR Sample code used for traceability information of any parts
Product Name
Official product name for Ordering Code
Pin 1 hole
Hole on the shield to identify Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30