| Moteur de recherche de fiches techniques de composants électroniques |
|
TESEO-LIV3R Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TESEO-LIV3R Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 30 page ![]() Shipping information Teseo-LIV3R 24/30 DS12821 Rev 2 Figure 9. PB band 14.2 Packing cartons for reels To avoid damage each Teseo-LIV3R reel has a dedicated carton box of 340 x 340 x 38 mm. 14.3 ESD handling precautions Teseo-LIV3R module is Electrostatic Sensitive Device (ESD). Observe precautions for handling! Failure to observe these precautions can result in severe damage to the GNSS receiver. GNSS receivers are Electrostatic Sensitive Devices (ESD) and require special precautions when handling. Particular care must be exercised when handling patch antennas, due to the risk of electrostatic charges. 14.4 Moisture sensitivity levels The Moisture Sensitivity Level (MSL) relates to the packaging and handling precautions required. Teseo-LIV3R modules are rated at MSL level 3 (three). |