Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8086-2 Fiches technique(PDF) 29 Page - Intel Corporation

No de pièce 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Fiches technique(HTML) 29 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 22Page - Intel Corporation 8086-2 Datasheet HTML 23Page - Intel Corporation 8086-2 Datasheet HTML 24Page - Intel Corporation 8086-2 Datasheet HTML 25Page - Intel Corporation 8086-2 Datasheet HTML 26Page - Intel Corporation 8086-2 Datasheet HTML 27Page - Intel Corporation 8086-2 Datasheet HTML 28Page - Intel Corporation 8086-2 Datasheet HTML 29Page - Intel Corporation 8086-2 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
8086
Table 2. Instruction Set Summary
(Continued)
Mnemonic and
Instruction Code
Description
JMP
e Unconditional Jump:
76543210
76543210
76543210
Direct within Segment
11101001
disp-low
disp-high
Direct within Segment-Short
11101011
disp
Indirect within Segment
1 1 1 1 1 1 1 1
mod 1 0 0 r/m
Direct Intersegment
11101010
offset-low
offset-high
seg-low
seg-high
Indirect Intersegment
1 1 1 1 1 1 1 1
mod 1 0 1 r/m
RET
e Return from CALL:
Within Segment
11000011
Within Seg Adding Immed to SP
11000010
data-low
data-high
Intersegment
11001011
Intersegment Adding Immediate to SP
11001010
data-low
data-high
JE/JZ
e Jump on Equal/Zero
01110100
disp
JL/JNGE
e Jump on Less/Not Greater
01111100
disp
or Equal
JLE/JNG
e Jump on Less or Equal/
01111110
disp
Not Greater
JB/JNAE
e Jump on Below/Not Above
01110010
disp
or Equal
JBE/JNA
e Jump on Below or Equal/
01110110
disp
Not Above
JP/JPE
e Jump on Parity/Parity Even
01111010
disp
JO
e Jump on Overflow
01110000
disp
JS
e Jump on Sign
01111000
disp
JNE/JNZ
e Jump on Not Equal/Not Zero
01110101
disp
JNL/JGE
e Jump on Not Less/Greater
01111101
disp
or Equal
JNLE/JG
e Jump on Not Less or Equal/
01111111
disp
Greater
JNB/JAE
e Jump on Not Below/Above
01110011
disp
or Equal
JNBE/JA
e Jump on Not Below or
01110111
disp
Equal/Above
JNP/JPO
e Jump on Not Par/Par Odd
01111011
disp
JNO
e Jump on Not Overflow
01110001
disp
JNS
e Jump on Not Sign
01111001
disp
LOOP
e Loop CX Times
11100010
disp
LOOPZ/LOOPE
e Loop While Zero/Equal
11100001
disp
LOOPNZ/LOOPNE
e Loop While Not
11100000
disp
Zero/Equal
JCXZ
e Jump on CX Zero
11100011
disp
INT
e Interrupt
Type Specified
11001101
type
Type 3
11001100
INTO
e Interrupt on Overflow
11001110
IRET
e Interrupt Return
11001111
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30