Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8086-2 Fiches technique(PDF) 28 Page - Intel Corporation

No de pièce 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Fiches technique(HTML) 28 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 22Page - Intel Corporation 8086-2 Datasheet HTML 23Page - Intel Corporation 8086-2 Datasheet HTML 24Page - Intel Corporation 8086-2 Datasheet HTML 25Page - Intel Corporation 8086-2 Datasheet HTML 26Page - Intel Corporation 8086-2 Datasheet HTML 27Page - Intel Corporation 8086-2 Datasheet HTML 28Page - Intel Corporation 8086-2 Datasheet HTML 29Page - Intel Corporation 8086-2 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
8086
Table 2. Instruction Set Summary
(Continued)
Mnemonic and
Instruction Code
Description
LOGIC
76543210
76543210
76543210
76543210
NOT
e Invert
1 1 1 1 0 1 1 w
mod 0 1 0 r/m
SHL/SAL
e Shift Logical/Arithmetic Left
1 1 0 1 0 0 v w
mod 1 0 0 r/m
SHR
e Shift Logical Right
1 1 0 1 0 0 v w
mod 1 0 1 r/m
SAR
e Shift Arithmetic Right
1 1 0 1 0 0 v w
mod 1 1 1 r/m
ROL
e Rotate Left
1 1 0 1 0 0 v w
mod 0 0 0 r/m
ROR
e Rotate Right
1 1 0 1 0 0 v w
mod 0 0 1 r/m
RCL
e Rotate Through Carry Flag Left
1 1 0 1 0 0 v w
mod 0 1 0 r/m
RCR
e Rotate Through Carry Right
1 1 0 1 0 0 v w
mod 0 1 1 r/m
AND
e And:
Reg./Memory and Register to Either
0 0 1 0 0 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 0 w
mod 1 0 0 r/m
data
data if w
e 1
Immediate to Accumulator
0010010w
data
data if w
e 1
TEST
e And Function to Flags, No Result:
Register/Memory and Register
1 0 0 0 0 1 0 w
mod reg r/m
Immediate Data and Register/Memory
1 1 1 1 0 1 1 w
mod 0 0 0 r/m
data
data if w
e 1
Immediate Data and Accumulator
1010100w
data
data if w
e 1
OR
e Or:
Reg./Memory and Register to Either
0 0 0 0 1 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 0 w
mod 0 0 1 r/m
data
data if w
e 1
Immediate to Accumulator
0000110w
data
data if w
e 1
XOR
e Exclusive or:
Reg./Memory and Register to Either
0 0 1 1 0 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 0 w
mod 1 1 0 r/m
data
data if w
e 1
Immediate to Accumulator
0011010w
data
data if w
e 1
STRING MANIPULATION
REP
e Repeat
1111001z
MOVS
e Move Byte/Word
1010010w
CMPS
e Compare Byte/Word
1010011w
SCAS
e Scan Byte/Word
1010111w
LODS
e Load Byte/Wd to AL/AX
1010110w
STOS
e Stor Byte/Wd from AL/A
1010101w
CONTROL TRANSFER
CALL
e Call:
Direct within Segment
11101000
disp-low
disp-high
Indirect within Segment
1 1 1 1 1 1 1 1
mod 0 1 0 r/m
Direct Intersegment
10011010
offset-low
offset-high
seg-low
seg-high
Indirect Intersegment
1 1 1 1 1 1 1 1
mod 0 1 1 r/m
Mnemonics © Intel, 1978
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30