| Moteur de recherche de fiches techniques de composants électroniques |
|
MT7697DN Fiches technique(PDF) 80 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697DN Fiches technique(HTML) 80 Page - List of Unclassifed Manufacturers |
|
80 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 80 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. Pin Pin alias APGIO/ GPIO Name Dir Default dir Default PU/PD Description Pinx_pinmux_aon_sel Pinx_pinmux_off_sel PULSE_CNT I Pulse counter 1 - WF_LED_B O LED output 2 - WIC[5] I External interrupt 3 - 56 GPIO34 AGPIO BT_INT_B I/O O PU External interrupt 0x8102_3030 [11:8] 0 0x8002_5110 [11:8] (0x8102_3030 [11:8]=0] 0 ALL_INT_B I/O - 1 SWD_CLK I CM4 SWD debug port 6 2 IR_RX I IrDA RX 7 3 ANTSEL[6] O RF control 4 4 GPIO_TOPOFF[34] I/O General purpose input output - 5 GPIO_TOPAON[34] I/O General purpose input output 8 - PWM[35] O Pulse width modulation 9 - FRAME_SYNC * I 3DD synchronization 1 - BT_LED_B I/O LED output 2 - WIC[6] I External interrupt 3 - 55 GPIO35 GPIO UART_DSN_TXD_N9 O O PD UART DSN TX (N9) 0x8102_3030 [15:12] 0 0x8002_5110 [15:12] (0x8102_3030 [15:12]=0) 0 UART_DBG_CM4 O UART DBG TX (CM4) 7 3 GPIO_TOPOFF[35] I/O General purpose input output - 5 GPIO_TOPAON[35] I/O General purpose input output 8 - I2S_TX O I2S TX 5 - PWM[18] O Pulse-width-modulated output 9 - 54 GPIO36 GPIO [Reserved] [Reserved] 0x8102_3030 [19:16] - 0x8002_5110 [19:16] (0x8102_3030 [19:16]=0) 0 S2A_SPI_IN I SPI input - 1 UART1_RX_CM4 I UART1 RX (CM4) 7 3 GPIO_TOPOFF[36] I/O General purpose input output - 5 GPIO_TOPAON[36] I/O General purpose input output 8 - PWM[19] O Pulse-width-modulated output 9 - UART_RXD_N9 I I PU UART RX (N9) 1 - WIC[7] I External interrupt 3 - 53 GPIO37 GPIO UART_TXD_N9 O O PD UART TX (N9) 0x8102_3030 [23:20] 0 0x8002_5110 [23:20] (0x8102_3030 [23:20]=0) 0 UART1_TX_CM4 O UART1 TX (CM4) 7 3 GPIO_TOPOFF[37] I/O General purpose input output - 5 GPIO_TOPAON]37] I/O General purpose input output 8 - PWM[20] O Pulse-width-modulated output 9 - EINT[20] I External interrupt 3 - 52 GPIO38 GPIO UART_RTS_N9 O O PD UART RTS (N9) 0x8102_3030 [27:24] 0 0x8002_5110 [27:24] (0x8102_3030 [26:24]=0) 0 PTA_EINT_B I Packet traffic arbitration - 1 IDC_DATA_OUT O UART IDC TX (N9) - 2 UART1_RTS_CM4 O UART1 RTS (CM4) 7 3 GPIO_TOPOFF[38] I/O General purpose input output - 5 GPIO_TOPAON[38] I/O General purpose input output 8 - PWM[21] O Pulse-width-modulated output 9 - WF_LED_B I/O LED output 2 - EINT[21] I External interrupt 3 - SWD_DIO I/O CM4 SWD debug port 6 - 50 GPIO39 GPIO UART_CTS_N9 I I PU UART CTS (N9) 0x8102_3030 [31:28] 0 0x8002_5110[31:28] (0x8102_3030 [31:28]=0) 0 PTA_EINT_B I Packet traffic arbitration - 1 IDC_DATA_IN I UART IDC RX (N9) - 2 UART1_CTS_CM4 O UART1 CTS (CM4) 7 3 [Reserved] [Reserved] - 4 GPIO_TOPOFF[39] I/O General purpose input output - 5 GPIO_TOPAON[39] I/O General purpose input output 8 - PWM[22] O Pulse-width-modulated output 9 - |