Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT7697DN Fiches technique(PDF) 50 Page - List of Unclassifed Manufacturers

No de pièce MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Fiches technique(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 46Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 49Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 50Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 51Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 52Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 53Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 50 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Start address
End address
Function
Description
0x8102_0000
0x8102_FFFF
TOP_CFG_AON
TOP_AON power domain chip
level configuration (RGU,
PINMUX, PMU, XTAL, CLK
control)
0x8103_0000
0x8103_FFFF
DBG_CIRQ
Debug interrupt controller for
N9
0x8104_0000
0x8104_FFFF
CIRQ
Interrupt controller for N9
0x8105_8000
0x8105_FFFF
GPT
General Purpose Timer for N9
0x8106_0000
0x8106_FFFF
PTA
Packet Traffic Arbitrator for Wi-
Fi/Bluetooth coexistence
0x8107_0000
0x8107_FFFF
EFUSE
Efuse controller
0x8108_0000
0x8108_FFFF
WDT
Watchdog Timer for N9
0x8109_0000
0x8109_FFFF
PDA
Patch Decryption Accelerator
0x810A_0000
0x810A_FFFF
RDD
Wi-Fi debug
0x810B_0000
0x810B_FFFF
BTSBC
Bluetooth SBC accelerator
0x810C_0000
0x810C_FFFF
RBIST
RF BIST configuration
0x8300_0000
0x810C_FFFF
APB2
APB bridge 1 (synchronous to
CM4)
0x8300_0000
0x8300_FFFF
CONFG_CM4
System configuration for CM4
0x8301_0000
0x8301_FFFF
DMA_CM4
Generic DMA engine for CM4
0x8302_0000
0x8302_FFFF
UART_DSN
UART for CM4 debug
0x8303_0000
0x8303_FFFF
UART1
UART 1 for CM4
0x8304_0000
0x8304_FFFF
UART2
UART 2 for CM4
0x8305_0000
0x8305_FFFF
GPT_CM4
General Purpose Timer for
CM4
0x8306_0000
0x8306_FFFF
IrDA
IrDA
0x8307_0000
0x8307_FFFF
Serial flash
Serial flash macro access
0x8308_0000
0x8308_FFFF
WDT_CM4
Watchdog Timer for CM4
0x8309_0000
0x8309_FFFF
I2C_1
I2C 1
0x830A_0000
0x830A_FFFF
I2C_2
I2C 2
0x830B_0000
0x830B_FFFF
I2S
I2S configuration
0x830D_0000
0x830D_FFFF
AUXADC
Auxiliary ADC configuration
0x830E_0000
0x830E_FFFF
BTIF
Host Interface for Bluetooth
radio
0x830F_0000
0x830F_FFFF
Crypto
Crypto engine
0xA000_0000
0xAFFF_FFFF
PSE
Packet switch engine memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84