| Moteur de recherche de fiches techniques de composants électroniques |
|
GD25LE256DFES Fiches technique(PDF) 79 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE256DFES Fiches technique(HTML) 79 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
79 / 83 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE256D 79 10. PACKAGE INFORMATION 10.1. Package SOP16 300MIL D E E1 A A2 A1 b e “A” L1 L θ b c Base Metal Detail “A” h h 1 8 16 9 Dimensions Symbol A A1 A2 b c D E E1 e L L1 h θ Unit mm Min - 0.10 2.05 0.31 0.10 10.20 10.10 7.40 1.27 0.40 1.40 0.25 0 Nom - 0.20 - 0.41 0.25 10.30 10.30 7.50 - - - Max 2.65 0.30 2.55 0.51 0.33 10.40 10.50 7.60 1.27 0.75 8 Note: 1. Both the package length and width do not include the mold flash. 2. Seating plane: Max. 0.1mm. |