| Moteur de recherche de fiches techniques de composants électroniques |
|
GD25LE256DFES Fiches technique(PDF) 68 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE256DFES Fiches technique(HTML) 68 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
68 / 83 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE256D 68 8. ELECTRICAL CHARACTERISTICS 8.1. POWER-ON TIMING Figure44. Power-on Timing Table6. Power-Up Timing and Write Inhibit Threshold Symbol Parameter Min. Max. Unit tVSL VCC (min.) to device operation 2.5 ms VWI Write Inhibit Voltage 1 1.5 V VPWD VCC voltage needed to below VPWD for ensuring initialization will occur 0.5 V tPWD The minimum duration for ensuring initialization will occur 300 us 8.2. INITIAL DELIVERY STATE The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH).The Status Register contains 00H (all Status Register bits are 0). 8.3. ABSOLUTE MAXIMUM RATINGS Parameter Value Unit Ambient Operating Temperature -40 to 85 -40 to 105 -40 to 125 ℃ Storage Temperature -65 to 150 ℃ Transient Input/Output Voltage (note: overshoot) -2.0 to VCC+2.0 V Applied Input/Output Voltage -0.6 to VCC+0.4 V VCC -0.6 to 2.5 V VCC(max.) VCC(min.) tVSL Chip Selection is not allowed Full Device Access Allowed Time VPWD(max.) tPWD VCC |