Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

100760010 Fiches technique(PDF) 11 Page - MKS Instruments.

No de pièce 100760010
Description  ISO-Universal fittings Sizes NW 63 to NW 630
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MKS [MKS Instruments.]
Site Internet  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100760010 Fiches technique(HTML) 11 Page - MKS Instruments.

Back Button 100760010 Datasheet HTML 7Page - MKS Instruments. 100760010 Datasheet HTML 8Page - MKS Instruments. 100760010 Datasheet HTML 9Page - MKS Instruments. 100760010 Datasheet HTML 10Page - MKS Instruments. 100760010 Datasheet HTML 11Page - MKS Instruments. 100760010 Datasheet HTML 12Page - MKS Instruments. 100760010 Datasheet HTML 13Page - MKS Instruments. 100760010 Datasheet HTML 14Page - MKS Instruments. 100760010 Datasheet HTML 15Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Ordering Information
ring, rotatable Bolt
in./(mm)
Flange Size
(ISO)
Part Number
NW 63
NW 80
NW 100
NW 160
NW 200
NW 250
NW 320
NW 400
NW 500
100762806
100762808
100762810
100762816
100762820
100762825
100762832
100762840
100762850
• Aluminum
• UsewithMFflange
• Steelretainingringincluded
• O.D.andboltpatternsameasboltedflange
Bolt Set
in./(mm)
Flange Size
(ISO)
Bolt Size
No. in Set
Pitch (mm)
Part Number
NW 63
NW 80
NW 100
NW 160
NW 200
NW 250
NW 320
NW 400
NW 500
NW 630
M 8 x 30
M 8 x 30
M 8 x 30
M 10 x 35
M 10 x 35
M 10 x 35
M 12 x 45
M 12 x 45
M 12 x 45
M 12 x 55
4
8
8
8
12
12
12
16
16
20
1.25
1.25
1.25
1.50
1.50
1.50
1.75
1.75
1.75
1.75
100761306
100761308
100761308
100761316
100761320
100761320
100761332
100761340
100761340
100761363
• Stainlesssteel
• Boltedflangetotappedflange
• Includeswasher
ring, retaining
in./(mm)
Flange Size
(ISO)
Part Number
NW 63
NW 80
NW 100
NW 160
NW 200
NW 250
NW 320
NW 400
NW 500
100762906
100762908
100762910
100762916
100762920
100762925
100762932
100762940
100762950
• Stainlesssteel
• Retainsboltring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20