Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

100760010 Fiches technique(PDF) 9 Page - MKS Instruments.

No de pièce 100760010
Description  ISO-Universal fittings Sizes NW 63 to NW 630
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MKS [MKS Instruments.]
Site Internet  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100760010 Fiches technique(HTML) 9 Page - MKS Instruments.

Back Button 100760010 Datasheet HTML 5Page - MKS Instruments. 100760010 Datasheet HTML 6Page - MKS Instruments. 100760010 Datasheet HTML 7Page - MKS Instruments. 100760010 Datasheet HTML 8Page - MKS Instruments. 100760010 Datasheet HTML 9Page - MKS Instruments. 100760010 Datasheet HTML 10Page - MKS Instruments. 100760010 Datasheet HTML 11Page - MKS Instruments. 100760010 Datasheet HTML 12Page - MKS Instruments. 100760010 Datasheet HTML 13Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Ordering Information
Seal, Overpressure assembly
in./(mm)
Flange Size
(ISO)
A
B
Part Number
NW 80
NW 100
NW 160
3.14 (80)
3.89 (99)
5.90 (150)
0.15 (4)
0.15 (4)
0.15 (4)
100938657
100938658
100937685
• Stainlesssteelcenteringring
• ReplaceableVitonO-Ring
• Includesaluminumoverpressurering
A
B
Seal, replacement O-ring, viton®
in./(mm)
Flange Size
(ISO)
Standard
Number
A
B
Part Number
NW 63
NW 80
NW 100
NW 160
NW 200
NW 250
NW 320
NW 400
NW 500
NW 630
2-336
2-340
2-346
2-361
2-371
2-378
2-454
2-460
2-468
2-474
2.85 (72)
3.35 (85)
4.10 (104)
5.98 (152)
8.48 (215)
10.48 (266)
12.48 (317)
15.48 (393)
19.46 (494)
24.94 (634)
0.21 (5)
0.21 (5)
0.21 (5)
0.21 (5)
0.21 (5)
0.21 (5)
0.28 (7)
0.28 (7)
0.28 (7)
0.28 (7)
100762006
100762008
100762010
100762016
100762020
100762025
100762032
100762040
100762050
100762063
• Viton
• StandardUSO-Ringsizes
• Bakeableto150°C
• Replaceablesealforcenteringringassembly
B
A
Seal, replacement O-ring, Buna-n
in./(mm)
Flange Size
(ISO)
Standard
Number
A
B
Part Number
NW 63
NW 80
NW 100
NW 160
NW 200
NW 250
NW 320
NW 400
NW 500
NW 630
2-336
2-340
2-346
2-361
2-371
2-378
2-454
2-460
2-468
2-474
2.85 (72)
3.35 (85)
4.10 (104)
5.98 (152)
8.48 (215)
10.48 (266)
12.48 (317)
15.48 (393)
19.46 (494)
24.94 (634)
0.21 (5)
0.21 (5)
0.21 (5)
0.21 (5)
0.21 (5)
0.21 (5)
0.28 (7)
0.28 (7)
0.28 (7)
0.28 (7)
100761906
100761908
100761910
100761916
100761920
100761925
100761932
100761940
100761950
100761963
• Buna-N
• StandardUSO-Ringsizes
• Bakeableto80°C
• Replaceablesealforcenteringringassembly
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20