Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AW9163 Fiches technique(PDF) 14 Page - Shanghai awinic technology co.,ltd

No de pièce AW9163
Description  6-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AWINIC [Shanghai awinic technology co.,ltd]
Site Internet  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9163 Fiches technique(HTML) 14 Page - Shanghai awinic technology co.,ltd

Back Button AW9163 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 18Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
AW9163
May. 2018 V1.2
www.awinic.com.cn
14
Copyright © 2013 SHANGHAI AWINIC TECHNOLOGY CO., LTD
The resolution of AW9163 SIGMA-DELTA CDC is 12Bit. The CDC module transports the capacitive sample
to DSP(digital filter, key judge function) and store the key status to register.
The capacitive sensitivity can be adjusted by REXT resistance. The bigger the REXT value, the higher the
sensitivity. The default is 10K
Ω to GND.
Capacitor/
Data
Convertor
(CDC)
Digital Signal
Processor
(DSP)
Interrupt Logic
INTN
Output
Detection
S1
S3
S5
REXT
CINT
S2
S4
S6
Figure 11
Functional Block of Capacitive Touch Detection Circuit
GCR.SENE=0 can reset all capacitive touch detection circuit. When GCR.SENE=1, the SLPR register control
the enable/disable of every channel. SLPR.SLPx=1 will disable the x channel and save the consumption.
9.5.1
Key Status
AW9163 can detect 6-channel touch key and the key status can be read by register KEYST (0x31).
AW9163 supports the adjacent suppression function, identify and output the most likely key when multiple
keys touch on the same time. Using the adjacent suppression function need set the register AKSCR (0x07)
and select the keys.
Touching keys can generate the interrupt and the key interrupt can be selected by setting register KINTER
(0x03). The interrupt mode is decided by KINTER.KIMD register.
-
00
interrupt generates when key press;
-
01
interrupt generates when key release;
-
10
interrupt generates when key status change;
-
11
interrupt generates when key status is 1.
The INTN pin will be pulled to GND when interrupt generates. The interrupt status can be clear by reading the
register KISR (0x32) and INTN pin will be pull to VIO.
9.5.2
Gesture Status
AW9163 with gesture detection function can identify the slide and click(single, double and triple click). The
gesture module will report interrupt when detecting the setting gesture. It will save the external MCU
consumption and improve the usability.
a)
SLIP
SLIP detects the finger moving on control panel. When finger moves on touch keys, the capacitive change of
key can be detected one by one. The gesture module can identify the order of touch key and judge the slide
gesture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com