Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AW9163 Fiches technique(PDF) 8 Page - Shanghai awinic technology co.,ltd

No de pièce AW9163
Description  6-Key Capacitive Touch Controller Integrated with 3-LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AWINIC [Shanghai awinic technology co.,ltd]
Site Internet  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9163 Fiches technique(HTML) 8 Page - Shanghai awinic technology co.,ltd

Back Button AW9163 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9163 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
AW9163
May. 2018 V1.2
www.awinic.com.cn
8
Copyright © 2013 SHANGHAI AWINIC TECHNOLOGY CO., LTD
7
ELECTRICAL CHARACTERISTICS
VBAT=3.8V, TA=25℃ for typical values (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VBAT
Power supply
-
3.0
3.8
4.5
V
ISHUTDOWN
Current in Shutdown mode
PDN=GND
8
15
A
ISTANDBY
Current in Standby mode
PDN=VIO
130
160
A
IACTIVE
Current in LED Active mode
PDN=VIO, GCR=0x01
0.55
0.8
mA
Current in Touch Active mode
PDN=VIO, GCR=0x02
0.85
1.0
mA
Current in Touch & LED
Active mode
PDN=VIO, GCR=0x03
1.0
1.5
mA
FOSC
Internal oscillator Frequency
14.8
16
17.2
MHz
Digital Logical Interface
VIL
Logic input high level
SDA,SCL,AD,PDN
-0.3
0.45
V
VIH
Logic input low level
SDA,SCL,AD,PDN
0.9
V
IIL
Low level input current
SDA,SCL,AD,PDN
5
nA
IIH
High level input current
SDA,SCL,AD,PDN
5
nA
VOL
Logic output low level
SDA, INTN
IOUT=3mA
0.4
V
IOL
Maximum output current
SDA, INTN
10
mA
IL
Output leakage current
SDA,INTN open drain
1
A
I2C Interface
FSCL
I2C-BUS clock frequency
400
kHz
TDeglitch
SCL deglitch time
200
ns
SDA deglitch time
250
ns
Capacitance Button
CXrange
Range(NOTE5)
CX
0
80
pF
CXresolution
Resolution(NOTE5)
CX
0.02
pF
FSCAN
Scan frequency
30
Hz
TDET
Response time
100
ms
LED Driver
IMAX
LED MAX Current
ILED=24.5mA
18.5
24.5
30.5
mA
IMATCH
Matching accuracy
ILED=24.5mA
10
%
VDROP
Drop-out voltage
ILED=24.5mA
300
mV
FPWM
PWM frequency
LCR.FREQ=1
110
122
135
Hz
LCR.FREQ =0
220
244
270
Hz
NOTE5the value is tested in default configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com