Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AW9110BTQR Fiches technique(PDF) 9 Page - Shanghai awinic technology co.,ltd

No de pièce AW9110BTQR
Description  10-LED Driver and GPIO Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AWINIC [Shanghai awinic technology co.,ltd]
Site Internet  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9110BTQR Fiches technique(HTML) 9 Page - Shanghai awinic technology co.,ltd

Back Button AW9110BTQR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AW9110B
May. 2018 V1.2
www.awinic.com.cn
9
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
9 FUNCTIONAL DESCRIPTION
AW9110B is a 10 channel co-anode current breathing led driver. There is 256 current levels configurable via
register CTL.ISEL. The maximum driver current IMAX is 37mA.
The led drivers and GPIO functions can be switch with configuring register GPMD_A/GPMD_B. The default
status of OUT0~OUT9 are used for GPIO function.
AW9110B supports two types of intelligent breathing modes: BLINK and SMART-FADE. In BLINK mode,
AW9110B completes "fade-on" and "fade off" breathing periodically. In SMART-FADE mode, AW9110B runs
"fade-on" and "fade off" independently with register GPIO_OUTPUT_A/GPIO_OUTPUT_B configuration.
9.1 SHUTDOWN AND RESET
AW9110B enters shutdown mode when SHDN is low level. When SHDN is pulled up from shutdown state,
AW9110B enters standby mode and will be reset to the default state.
AW9110B offers two kinds of reset function:
Power on reset -- 5ms after power on, the chip is reset to the default state.
Hardware reset
– keep SHDN low level over 20 μs, reset all internal circuit.
Software reset -- write 00H to register 7FH, reset all internal circuit.
When AW9110B is reset, the default state of OUTx pin is GPIO.
9.2 LED DIMMING FUNCTION
AW9110B led driver uses co-anode current source. In default status, the maximum driving current IMAX is 37mA.
After power on, OUTx(x=0~9) used for GPIO. AW9110B can switch OUTx to led driver mode with configuring
GPMD_A and GPMD_B, shown in table 4&5.
AW9110B configures four dimming range by ISEL[1:0], 0~IMAX(default), 0~(3/4)IMAX, 0~(2/4)IMAX or 0~(1/4)IMAX,
which means 256 steps dimming range: 0~37mA(default),0~27.75mA, 0~18.5mA or 0~9.25mA. ISEL[1:0]
configuration is refer to table 3.
The dimming level of each channel is configured by DIMx(x=0~9) register. 8-bits DIMx can be configured to
256 levels, from 00H to FFH.
DIMx bit
Dimming level
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
OFF
0
0
0
0
0
0
0
1
1/255×IMAX
0
0
0
0
0
0
1
0
2/255×IMAX
……
……
1
1
1
1
1
1
0
1
253/255×IMAX
1
1
1
1
1
1
1
0
254/255×IMAX
1
1
1
1
1
1
1
1
255/255×IMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com