Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AW9110BTQR Fiches technique(PDF) 8 Page - Shanghai awinic technology co.,ltd

No de pièce AW9110BTQR
Description  10-LED Driver and GPIO Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AWINIC [Shanghai awinic technology co.,ltd]
Site Internet  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9110BTQR Fiches technique(HTML) 8 Page - Shanghai awinic technology co.,ltd

Back Button AW9110BTQR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9110BTQR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AW9110B
May. 2018 V1.2
www.awinic.com.cn
8
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
8 I2C INTERFACE TIMING
Parameter
Symbol
MIN
TYP
MAX
UNIT
Interface Clock frequency
fSCL
400
kHz
(Repeat-start) Start condition hold time
tHD:STA
0.6
μs
Low level width of SCL
tLOW
1.3
μs
High level width of SCL
tHIGH
0.6
μs
(Repeat-start) Start condition setup time
tSU:STA
0.6
μs
Data hold time
tHD:DAT
0
μs
Data setup time
tSU:DAT
0.1
μs
Rising time of SDA and SCL
tR
0.3
μs
Falling time of SDA and SCL
tF
0.3
μs
Stop condition setup time
tSU:STO
0.6
μs
Time between start and stop condition
tBUF
1.3
Maximum width noise input filter out(burr)
tSP
0
50
ns
Capacitor of the bus
Cb
400
pF
SDA
SCL
tBUF
tLOW
tHD:STA
tHD:DAT
tR
tHIGH
tF
tSU:DAT
tSP
tSU:STO
VIH
VIL
Stop
Stop
Start
Start
VIH
VIL
tSU:STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com