| Moteur de recherche de fiches techniques de composants électroniques |
|
P9B Fiches technique(PDF) 1 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
P9B Fiches technique(HTML) 1 Page - MKS Instruments. |
|
1 / 4 page ![]() P9B PRESSURE InSEnSITIVE, MUlTI-GaS/MUlTI-RanGE MaSS FlOw COnTROllER FOR FaST and aCCURaTE COnTROl OF CRITICal PROCESS GaSES The MKS, model P9B MFC, is the next generation of MKS pressure insensitive, multi- gas/multi-range MFC for critical process gas flow control. The device uses the latest in electronics and valve components enabling it to meet the most critical of process gas flow control requirements. The performance capabilities of the P9B are quickly apparent where short process steps are required given the sub 750 millisecond control times and accuracy to within 1% of set point. This performance extends over the range of process gases, whether “light” gases such as helium or “heavy” gases like SF6. The P9B is a true multi-range/multi-gas MFC that enables the user to have confidence in this device’s capability and minimize MFC inventory requirements. Utilization of the multi-gas/multi-range capability is made simple through the device’s embedded software and standard Ethernet interface that requires no special software, only a standard web browser and a PC. Already stored on the device are critical gas parameters for most of the gases in use today by the semiconductor industry. It is a simple matter of selecting the gas and specifying the range to configure the device. Through this interface the user can also perform device monitoring diagnostics while the device is operating. Features & Benefits Superior Performance • Fastresponsetosetpointreducesflow stabilization time for short process steps and process control • Tightlycontrolledflowaccuracyof process gas enables improved chamber process matching • Insensitivetoupstreamanddownstream pressure disturbances — Accurate flow control without the need for additional dedicated pressure regulators Reduces Overall Costs • ReducesMFCinventorythroughits multi-gas/multi-range capability • Accurateflowcontroloverawide dynamic range, even when down ranged, reduces need for an additional low range MFC Easy to Integrate and Operate • Embeddedconfigurationanddiagnostics software that allows the user to check MFC functionality without device removal from the tool • Usesastandardwebbrowser;nospecial software required • Easyviewingofflowrate,gastypeand Full Scale flow with its bright, self orienting LED display |
Numéro de pièce similaire - P9B |
|
Description similaire - P9B |