| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMA-RGY Fiches technique(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMA-RGY Fiches technique(HTML) 4 Page - Cree, Inc |
|
4 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMA-RGY/GGY/BGY ORDER CODE TABLE* C4SMA-RGY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMA-RGY-CS4V1BB1 1017 2347 RB 619 RB 624 Bulk Red C4SMA-RGY-CT24QBB1 Any 4 consecutive sub-bins: T2(1205) - U3(1976) RB 619 RB 624 Bulk Red C4SMA-RGY-CT34QBB1 Any 4 consecutive sub-bins: T3(1310) - U4(2130) RB 619 RB 624 Bulk Red C4SMA-RGY-CS4V1BB2 1017 2347 RB 619 RB 624 Ammo Red C4SMA-RGY-CT24QBB2 Any 4 consecutive sub-bins: T2(1205) - U3(1976) RB 619 RB 624 Ammo Red C4SMA-RGY-CT34QBB2 Any 4 consecutive sub-bins: T3(1310) - U4(2130) RB 619 RB 624 Ammo C4SMA-GGY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMA-GGY-CU2W37a1 1672 3885 G7 520 Ga 540 Bulk Green C4SMA-GGY-CU44Q7D1 Any 4 consecutive sub-bins: U4(1976) - W1(3295) Any 1 color bin from G7 (520) to Ga (540) Bulk Green C4SMA-GGY-CV14Q7D1 Any 4 consecutive sub-bins: V1(2130) - W2(3590) Any 1 color bin from G7 (520) to Ga (540) Bulk Green C4SMA-GGY-CU2W37a2 1672 3885 G7 520 Ga 540 Ammo Green C4SMA-GGY-CU44Q7D2 Any 4 consecutive sub-bins: U4(1976) - W1(3295) Any 1 color bin from G7 (520) to Ga (540) Ammo Green C4SMA-GGY-CV14Q7D2 Any 4 consecutive sub-bins: V1(2130) - W2(3590) Any 1 color bin from G7 (520) to Ga (540) Ammo |