Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SMA-RGY Fiches technique(PDF) 10 Page - Cree, Inc

No de pièce C4SMA-RGY
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMA-RGY Fiches technique(HTML) 10 Page - Cree, Inc

Back Button C4SMA-RGY Datasheet HTML 2Page - Cree, Inc C4SMA-RGY Datasheet HTML 3Page - Cree, Inc C4SMA-RGY Datasheet HTML 4Page - Cree, Inc C4SMA-RGY Datasheet HTML 5Page - Cree, Inc C4SMA-RGY Datasheet HTML 6Page - Cree, Inc C4SMA-RGY Datasheet HTML 7Page - Cree, Inc C4SMA-RGY Datasheet HTML 8Page - Cree, Inc C4SMA-RGY Datasheet HTML 9Page - Cree, Inc C4SMA-RGY Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree 4-mm Oval LED
C4SMA-RGY/GGY/BGY
PACKAGING
Features:
•
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
•
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
•
The boxes are not water resistant, and they must be kept away from water and moisture.
•
The Bulk Pack types of packaging.
•
Max 1000 pcs per bulk and Max 3000 pcs per ammo.
Bulk Pack Packaging Type:
Ammo Pack Packaging Type:
10 bags/carton
Label


A XXXXXXXXXXX
(anti-electrostatic
bag)






xxx xxx











Html Pages

1 2 3 4 5 6 7 8 9 10