Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HN58V65API-10E Fiches technique(PDF) 26 Page - Renesas Technology Corp

No de pièce HN58V65API-10E
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10E Fiches technique(HTML) 26 Page - Renesas Technology Corp

Back Button HN58V65API-10E Datasheet HTML 20Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 21Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 22Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 23Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 24Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 25Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 26Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 27Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 26 of 26
Package Dimensions (cont)
HN58V65ATI Series
HN58V66ATI Series
HN58V65AT-SR Series
HN58V66AT-SR Series (TFP-28DB, TFP-28DBV)
Package Code
JEDEC
JEITA
Mass (reference value)
TFP-28DB, TFP-28DBV
—
—
0.23 g
*Dimension including the plating thickness
Base material dimension
0.10 M
0.55
8.00
*0.22 ± 0.08
13.40 ± 0.30
0˚ – 5˚
28
1
14
15
8.20 Max
0.10
0.50 ± 0.10
0.80
0.45 Max
0.20 ± 0.06
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28