Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HN58V65API-10E Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce HN58V65API-10E
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10E Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button HN58V65API-10E Datasheet HTML 17Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 18Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 19Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 20Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 21Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 22Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 23Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 24Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 21 of 26
2. Data protection at VCC on/off
When VCC is turned on or off, noise on the control pins generated by external circuits (CPU, etc) may
act as a trigger and turn the EEPROM to program mode by mistake. To prevent this unintentional
programming, the EEPROM must be kept in an unprogrammable state while the CPU is in an unstable
state.
Note:
The EEPROM should be kept in unprogrammable state during VCC on/off by using CPU RESET
signal.
VCC
CPU
RESET
Unprogrammable
Unprogrammable
*
*
2.1 Protection by
CE, OE, WE
To realize the unprogrammable state, the input level of control pins must be held as shown in the
table below.
CE
VCC
×
×
OE
×
VSS
×
WE
×
×
VCC
×: Don’t care.
VCC: Pull-up to VCC level.
VSS: Pull-down to VSS level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28