Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BH-3 Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce BH-3
Description  BH-3 modular fuse blocks, 700 V, 700 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BH-3 Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  BH-3 Datasheet HTML 1Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 2Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 3Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 4Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data 1203
Effective December 2016
BH-3 modular fuse blocks, 700 V, 700 A
Eaton.com/bussmannseries
Table 1. Mounting dimensions - mm (in)
Bussmann series fuse catalog symbol
(amp range)
Fuse block
cat. no.
Stud dia. (in) Fuse volts
Dimensions — mm (in)
A
B
C
FBP-_ (250-400)
BH-3144
7/16
700
59.46 (2.341)
288.06 (11.341)
102.39 (4.031)
FBP-_ (450-600)
BH-3144
7/16
700
65.02 (2.56)
293.62 (11.56)
107.95 (4.25)
FWA-_ (450-600)
BH-3145
3/8
150
20.57 (0.81)
249.1 (79.81)
63.50 (2.50)
FWH-_ (450-600)
BH-3145
3/8
500
46.74 (1.84)
275.34 (10.84)
89.68 (3.53)
FWP-_ (450-600)
BH-3144
7/16
700)
102.36 (4.03)
330.96 (13.03)
145.29 (5.72)
FWX-_ (350-600)
BH-3145
3/8
250)
31.75 (1.25)
260.35 (10.25)
74.68 (2.94)
JJN-_ (450-600)
BH-3144
7/16)
300
8.66 (0.341)
237.26 (9.341)
51.59 (2.031)
JJS-_ (450-600)
BH-3144
7/16
600
32.08 (1.263)
260.68 (10.263)
75.01 (2.953)
JKS-_ (225-400)
BH-3145
3/8
600
90.42 (3.56)
319.02 (12.56)
133.35 (5.25)
JKS-_ (450-600)
BH-3144
7/16
600
109.47 (4.31)
338.07 (13.31)
152.40 (6.00)
KAA-_ (450-600)
BH-3145
3/8
130
18.97 (0.747)
247.57 (9.747)
61.90 (2.437)
KAB-_ (450-600)
BH-3145
3/8
250)
27.71 (1.091)
256.31 (10.091
70.64 (2.781)
KAC-_ (225-400)
BH-3144
7/16
600
77.72 (3.06)
306.32 (12.06)
120.65 (4.75)
KAC-_ (425-600)
BH-3144
7/16
600
77.72 (3.06)
306.32 (3.06)
120.65 (4.75)
KAX-_ (450-600)
BH-3145
3/8
250)
27.71 (1.091)
256.31 (10.091)
70.64 (2.781)
KBC-_ (450-600)
BH-3145
3/8
600
60.33 (2.372)
288.85 (11.372)
103.17 (4.062)
KBP-_ (450-600)
BH-3144
7/16
700
86.44 (3.403)
315.04 (12.403)
129.36 (5.093)
LPJ-_ (225-400)
BH-3145
3/8
600
90.42 (3.56)
319.02 (12.56)
133.35 (5.25)
LPJ-_ (450-600)
BH-3144
7/16
600
109.47 (4.31)
338.07 (13.31)
152.40 (6.00)
SPJ-5B-_ (200-400)
BH-3144
7/16
1000
82.83 (3.261)
262.15 (10.321)
127.79 (5.031)
SPJ-5E-_ (200-400)
BH-3144
7/16
1000
82.83 (3.261)
262.15 (10.321)
127.79 (5.031)
SPJ-6B-_ (300-600)
BH-3144
7/16
1000
84.86 (3.341)
313.46 (12.341)
127.79 (5.031)
SPJ-6E-_ (300-600)
BH-3144
7/16
1000
84.86 (3.341)
313.46 (12.341)
127.79 (5.031)
SPP-5B-_ (225-600)
BH-3144
7/16
700
61.04 (2.403))
289.64 (11.403)
103.96 (4.093)
SPP-5E-_ (225-600)
BH-3144
7/16
700
61.04 (2.403))
289.64 (11.403)
103.96 (4.093)
SPP-5F-_ (225-600)
BH-3144
7/16
700
82.47 (3.247)
311.07 (12.247)
125.40 (4.937)
SPP-5H-_ (225-600)
BH-3144
7/16
700
82.47 (3.247)
311.07 (12.247)
125.40 (4.937)
SPP-6B-_ (300-600)
BH-3144
7/16
700
61.04 (2.403)
289.64 (11.403)
103.96 (4.093)
SPP-6E-_ (300-600)
BH-3144
7/16
700
61.04 (2.403)
289.64 (11.403)
103.96 (4.093)
SPP-6F -_ (300-600)
BH-3144
7/16
700
82.47 (3.247)
311.07 (12.247)
125.40 (4.937)
SPP-6H-_ (300-600)
BH-3144
7/16
700
82.47 (3.247)
311.07 (12.247)
125.40 (4.937)
SPP-7B-_ (450-600)
BH-3144
7/16
700
62.64 (2.466)
291.24 (11.466)
105.56 (4.156)
SPP-7E-_ (450-600)
BH-3144
7/16
700
62.64 (2.466)
291.24 (11.466)
105.56 (4.156)
SPP-7F-_ (450-600)
BH-3144
7/16
700
81.69 (3.216)
310.29 (12.216)
124.61 (4.906)
SPP-7H-_ (450-600)
BH-3144
7/16
700
81.69 (3.216)
310.29 (12.216)
124.61 (4.906)
170L4702 thru 170L4720
BH-3145
3/8
1000
67.06 (2.64)
295.66 (11.642)
109.98 (4.33)
170L5195 thru 170L5299
BH-3145
3/8
1000
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170L7295 thru 170L7296
BH-3145
3/8
1000
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170L7635 thru 170L7636
BH-3145
3/8
1000
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170L7697 thru 170L7699
BH-3145
3/8
1000
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170L8124 thru 170L8379
BH-3145
3/8
1000
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170L8423 thru 170L8429
BH-3145
3/8
1000
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170L8684 thru 170L8982
BH-3144
7/16
1000
72.06 (2.837)
300.66 (11.837)
114.99 (4.527)
170L9300 thru 170L9302
BH-3144
7/16
1000
72.06 (2.837)
300.66 (11.837)
114.99 (4.527)
170L9306 thru 170L9308
BH-3144
7/16
1000
72.06 (2.837)
300.66 (11.837)
114.99 (4.527)
170M3020 thru 170M3023
BH-3145
3/8
660
35.05 (1.38)
263.65 (10.38)
77.98 (3.07)
170M3070 thru 170M3073
BH-3145
3/8
660
35.05 (1.38)
263.65 (10.38)
77.98 (3.07)
170M3120 thru 170M3123
BH-3145
3/8
660
35.05 (1.38)
263.65 (10.38)
77.98 (3.07)
170M3170 thru 170M3173
BH-3145
3/8
660
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170M3220 thru 170M3223
BH-3145
3/8
660
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170M3270 thru 170M3273
BH-3145
3/8
660
65.07 (2.562)
293.67 (11.562)
108.00 (4.252)
170M3320 thru 170M3323
BH-3144
7/16
660)
33.07 (1.302)
261.67 (10.302)
76.00 (2.992)
170M3370 thru 170M3373
BH-3144
7/16
660)
33.07 (1.302)
261.67 (10.302)
76.00 (2.992)



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com