Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BH-3 Fiches technique(PDF) 1 Page - Eaton All Rights Reserved.

No de pièce BH-3
Description  BH-3 modular fuse blocks, 700 V, 700 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BH-3 Fiches technique(HTML) 1 Page - Eaton All Rights Reserved.

  BH-3 Datasheet HTML 1Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 2Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 3Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 4Page - Eaton All Rights Reserved. BH-3 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 1203
Effective December 2016
Supersedes June 2002
BH-3 modular fuse blocks, 700 V, 700 A
Catalog symbol:
BH-3_
Description:
Bussmann™ series modular fuse blocks for bolt-on
high speed, Class J (225-600 A), and 300 V and
600 V Class T (450-600 A)fuses. See mounting
dimensions table for applicable Bussmann series
fuse catalog numbers.
Specifications:
Ratings
Volts - 700 V
Amps - 700 A
Withstand rating - 200 kA RMS Sym. or the
applied fuse interrupting rating, whichever is
less
Agency information
UL® Recognized, Guide IZLT2, File E14853 up
to 700 V
CSA® Certified, Class 6225-01, File 47235 up to
700 V
CE
RoHS compliant
Materials
Base - light-weight, high temperature
thermoplastic
Mounting studs - plated steel
Washer - spring steel
Nuts - plated steel
Connector: tin-plated aluminum
Conductors — AWG Cu
Connector accepts 6 - 250 kcmil


Numéro de pièce similaire - BH-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
BH-316A MACOM-BH-316A Datasheet
63Kb / 1P
BH-316A 3PST N.O., 50 Amps,28 VDC or 115 VAC, 400 Hz
logo
Adam Technologies, Inc.
BH-32-1 ADAM-TECH-BH-32-1 Datasheet
101Kb / 1P
909 Rahway Avenue
BH-32C-1 ADAM-TECH-BH-32C-1 Datasheet
90Kb / 1P
COIN CELL BATTER HOLDER, CR 2477, PCB MOUNT
Rev. A
BH-32D-1 ADAM-TECH-BH-32D-1 Datasheet
81Kb / 1P
BATTERY HOLDER, PCB THRU HOLE FOR CR2450, BLACK COLOR
BH-32H-1 ADAM-TECH-BH-32H-1 Datasheet
159Kb / 1P
BATTERY HOLDER, PCB THRU HOLE FOR 2450, DIP TYPE
More results

Description similaire - BH-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
DS-328 MACOM-DS-328 Datasheet
123Kb / 1P
Three-Way Power Divider 3 - 700 MHz
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48 Datasheet
109Kb / 2P
700 Watts
logo
Analog Devices
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
logo
Fairchild Semiconductor
FGH40T70SHD FAIRCHILD-FGH40T70SHD Datasheet
690Kb / 9P
700 V, 40 A Field Stop Trench IGBT
logo
Artesyn Technologies
AGF700-48S30LT ARTESYN-AGF700-48S30LT Datasheet
861Kb / 3P
POWER 700 Watts
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
Modular ferrule fuse blocks
logo
Infineon Technologies A...
ICE5QR4770AZ INFINEON-ICE5QR4770AZ Datasheet
2Mb / 53P
Quasi-Resonant 700 V/800 V CoolSET
V 2.1 2017-08-11
logo
Eaton All Rights Reserv...
BH-1 EATON-BH-1 Datasheet
773Kb / 5P
BH-1 modular fuse blocks, 700 V, 400 A
BH-2 EATON-BH-2 Datasheet
565Kb / 3P
BH-2 modular fuse blocks, 700 V, 400 A
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com