| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM9802 Fiches technique(PDF) 43 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM9802 Fiches technique(HTML) 43 Page - OKI electronic componets |
|
43 / 52 page ![]() 43/51 MSM9802/03/05-xxx ¡ Semiconductor 8. Standby Transition When playback of a phrase is finished, if playback of the next phrase does not start up within tSTB (0.25 sec. typ.), the IC enters standby status and the entire operation stops. A2 - A0 SW0 AOUT BUSY SW2 - SW1 "L" Figure 8.1 Timing for Voice Playback during D/A Converter Change Time (Stand-alone Mode) I5 - I0 ST AOUT NAR Figure 8.2 Timing for Voice Playback during D/A Converter Change Time (Microcontroller Interface Mode) If playback is attempted during D/A converter change time as shown in figures 8.1 and 8.2, the IC exits from standby status and the output from the D/A converter begins going to the 1/2 IAOUT level. When the output reaches 1/2 IAOUT, voice playback starts. |