Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM9802 Fiches technique(PDF) 32 Page - OKI electronic componets

No de pièce MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Fiches technique(HTML) 32 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 28Page - OKI electronic componets MSM9802 Datasheet HTML 29Page - OKI electronic componets MSM9802 Datasheet HTML 30Page - OKI electronic componets MSM9802 Datasheet HTML 31Page - OKI electronic componets MSM9802 Datasheet HTML 32Page - OKI electronic componets MSM9802 Datasheet HTML 33Page - OKI electronic componets MSM9802 Datasheet HTML 34Page - OKI electronic componets MSM9802 Datasheet HTML 35Page - OKI electronic componets MSM9802 Datasheet HTML 36Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32/51
MSM9802/03/05-xxx
¡ Semiconductor
3. Stop Code
If I5-I0 are set to "000000" during voice playback, and a ST signal is input, playback stops
regardless of whether NAR is at "H" or "L" level, then AOUT becomes 1/2 IAOUT. Stop code
becomes valid at the falling edge of ST.
Figure 3.1 shows stop code input timing.
I5-I0 (I)
ST ( I )
NAR (O)
AOUT (O)
User phrase
"000000"
Voice stop
tSS
The stop code does not initialize internal units but only stops playback. To initialize an internal
register, use the RESET pin.
Figure 3.1 Stop Code Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52