Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XPC7445 Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  XPC7445 Datasheet HTML 1Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 2Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 3Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
MOTOROLA
Features
Features
1.1
Features
This section summarizes changes to the features of the MPC7455 described in the MPC7455 RISC
Microprocessor Hardware Specifications.
•
Power management
— 1.3-V processor core
1.3 General Parameters
•
Core power supply: 1.3 V ± 50 mV DC nominal
1.5.1 DC Electrical Characteristics
Table 4 provides the recommended operating conditions for the MPC7455 part numbers described herein.
Table 4. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Core supply voltage
VDD
1.3 V ± 50 mV
V
PLL supply voltage
AVDD
1.3 V ± 50 mV
V
Note: These are the recommended and tested operating conditions. Proper device operation outside of these
conditions is not guaranteed.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12