Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XPC7445 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce XPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC7445 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  XPC7445 Datasheet HTML 1Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 2Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 3Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series
3
General Parameters
Table 7 provides the power consumption for the MPC7455 part numbers described herein.
Table 7. Power Consumption for MPC7455
Processor (CPU) Frequency
Unit
Notes
600 MHz
733 MHz
800 MHz
Full-Power Mode
Typical
8.4
10.3
11.2
W
1, 3
Maximum
11.9
14.5
15.9
W
1, 2
Doze Mode
Typical
—
—
—
W
1, 2, 4
Nap Mode
Typical
1.4
1.7
1.8
W
1, 2
Sleep Mode
Typical
700
800
900
mW
1, 2
Deep Sleep Mode (PLL Disabled)
Typical
470
490
500
mW
1, 3
Notes:
1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power (OVDD
and GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically < 5% of VDD
power. Worst case power consumption for AVDD < 3 mW.
2. Maximum power is measured at nominal VDD while running an entirely cache-resident, contrived sequence of
instructions which keep the execution units, with or without AltiVec, maximally busy.
3. Typical power is an average value measured at nominal VDD in a system while running a typical code sequence.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode.
As a result, power consumption for this mode is not tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12