Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS211F Fiches technique(PDF) 8 Page - Feeling Technology Corp.

No de pièce FS211F
Description  2 PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FEELING [Feeling Technology Corp.]
Site Internet  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS211F Fiches technique(HTML) 8 Page - Feeling Technology Corp.

Back Button FS211F Datasheet HTML 4Page - Feeling Technology Corp. FS211F Datasheet HTML 5Page - Feeling Technology Corp. FS211F Datasheet HTML 6Page - Feeling Technology Corp. FS211F Datasheet HTML 7Page - Feeling Technology Corp. FS211F Datasheet HTML 8Page - Feeling Technology Corp. FS211F Datasheet HTML 9Page - Feeling Technology Corp. FS211F Datasheet HTML 10Page - Feeling Technology Corp. FS211F Datasheet HTML 11Page - Feeling Technology Corp. FS211F Datasheet HTML 12Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev0.7 May. 29, 2009(LF)
P. 8 / FS211F
Technology
FS211F
Darlington-pair Transistor Output
The figure 6 is the circuit diagram of Darlington-pair transistor. Under the heavy current loading,
the power loss of the high saturation voltage can be calculated into the following formula:
Pc= (VBEQ1+VCE(SAT)Q2) * Io
According to the IC package and the curve of the power loss, the Pc should be applied to and
within the safety value.
30V is the voltage of Zener breakdown diode. However, if the voltage, excluding that of the
power supply, is more than 30V under the long-time operation, the diode will be destroyed.
2,3
Q2
+
_
+
_
V
B E
V
CE(SAT)
Q1
Fig. 6 Darlington-pair Transistor Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13