| Moteur de recherche de fiches techniques de composants électroniques |
|
FS211F Fiches technique(PDF) 7 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FS211F Fiches technique(HTML) 7 Page - Feeling Technology Corp. |
|
7 / 13 page ![]() Rev0.7 May. 29, 2009(LF) P. 7 / FS211F Technology FS211F FUNCTION DESCRIPTIONS Hall Sensor Location The figure 4 is the hall sensor location, where marks the IC number. The best sensitivity, which can be intensified as much as possible, depends on the vertical distance and position between magnetic pole and the hall sensor (figure 5). For the 2-phase motor, this design is very important. Unit X 1.75 mm Y 1.35 mm N S d Fig.5 Magnetic Distribution X Y Fig.4 FS211F Hall Sensor Location |