Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM321 Fiches technique(PDF) 2 Page - 3PEAK INC.

No de pièce LM321
Description  1.2MHz, Low-Power 36V Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3PEAK [3PEAK INC.]
Site Internet  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM321 Fiches technique(HTML) 2 Page - 3PEAK INC.

  LM321 Datasheet HTML 1Page - 3PEAK INC. LM321 Datasheet HTML 2Page - 3PEAK INC. LM321 Datasheet HTML 3Page - 3PEAK INC. LM321 Datasheet HTML 4Page - 3PEAK INC. LM321 Datasheet HTML 5Page - 3PEAK INC. LM321 Datasheet HTML 6Page - 3PEAK INC. LM321 Datasheet HTML 7Page - 3PEAK INC. LM321 Datasheet HTML 8Page - 3PEAK INC. LM321 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Rev. B.01
www.3peakic.com.cn
LM321 / LM358 / LM324
1.2MHz, Low-Power 36V Op Amps
Order Information
Model Name
Order Number
Package
Transport Media, Quantity
Marking
Information
LM321
LM321-TR
5-Pin SOT23
Tape and Reel, 3,000
H21
LM358
LM358-SR
8-Pin SOP
Tape and Reel, 4,000
LM358
LM358-VR
8-Pin MSOP
Tape and Reel, 3,000
LM358
LM324
LM324-SR
14-Pin SOP
Tape and Reel, 2,500
LM324
LM324-TR
14-Pin TSSOP
Tape and Reel, 3,000
LM324
Absolute Maximum Ratings Note 1
Supply Voltage: V
+ – V– Note 2................................. 42V
Input Voltage................................ V
– 0.3 to V+ + 0.3
Input Current: +IN,
–IN Note 3............................ ±20mA
Differential Input Voltage..................................... ±42V
Output Short-Circuit Duration Note 4
…............... Infinite
Current at Supply Pins
……………............... ±60mA
Operating Temperature Range........
–40°C to 125°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range..........
–65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The op amp supplies must be established simultaneously, with, or before, the application of any input signals.
Note 3: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 500mV beyond the power supply, the input
current should be limited to less than 10mA.
Note 4: A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power supply voltage and how many
amplifiers are shorted. Thermal resistance varies with the amount of PC board metal connected to the package. The specified values are for short traces
connected to the leads.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
2
kV
CDM
Charged Device Model ESD
JEDEC-EIA/JESD22-C101E
2
kV
Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
5-Pin SOT23
250
81
°C/W
8-Pin SOP
158
43
°C/W
8-Pin MSOP
210
45
°C/W
14-Pin SOP
120
36
°C/W
14-Pin TSSOP
180
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com