| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86C34 Fiches technique(PDF) 63 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86C34 Fiches technique(HTML) 63 Page - Zilog, Inc. |
|
63 / 70 page ![]() Z86C34/C35/C36/C44/C45/C46 ZiLOG CMOS Z8® MCUs with ASCI UART DS007601-Z8X0499 P R E L I M I N A R Y 63 Figure 50. Interrupt Request Register (FAH: READ/WRITE) Figure 51. Interrupt Mask Register (FBH: READ/WRITE) Figure 52. Flag Register (FCH: READ/WRITE) D7 D6 D5 D4 D3 D2 D1 D0 R250 IRQ Inter Edge P31 ↓ P32 ↓ = 00 P31 ↓ P32 ↑ = 01 P31 ↑ P32 ↓ = 10 P31 ↑↓ P32 ↑↓ = 11 IRQ0 = P32 Input IRQ1 = P33 Input IRQ2 = P31 Input IRQ3 = P30 Input IRQ4 = T0 IRQ5 = T1 D7 D6 D5 D4 D3 D2 D1 D0 1 Enables RAM Protect * 1 Enables IRQ0-IRQ5 (D0 = IRQ0) 1 Enables Interrupts R251 IMR * This option must be selected when ROM code is submitted for ROM Masking, otherwise this control bit is disabled permanently. D7 D6 D5 D4 D3 D2 D1 D0 R252 FLAGS User Flag F1 * User Flag F2 * Half Carry Flag Decimal Adjust Flag Overflow Flag Sign Flag Zero Flag Carry Flag * Not affected by reset Figure 53. Register Pointer (FDH: READ/WRITE) Figure 54. Stack Pointer High (FEH: READ/WRITE) Figure 55. Stack Pointer Low (FFH: READ/WRITE) D7 D6 D5 D4 D3 D2 D1 D0 R253 RP Expanded Register File Working Register Pointer D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Upper Byte (SP8 - SP15) R254 SPH D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Lower Byte (SP0 - SP7) R255 SPL |