Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86C34 Fiches technique(PDF) 46 Page - Zilog, Inc.

No de pièce Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Fiches technique(HTML) 46 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 42Page - Zilog, Inc. Z86C34 Datasheet HTML 43Page - Zilog, Inc. Z86C34 Datasheet HTML 44Page - Zilog, Inc. Z86C34 Datasheet HTML 45Page - Zilog, Inc. Z86C34 Datasheet HTML 46Page - Zilog, Inc. Z86C34 Datasheet HTML 47Page - Zilog, Inc. Z86C34 Datasheet HTML 48Page - Zilog, Inc. Z86C34 Datasheet HTML 49Page - Zilog, Inc. Z86C34 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
46
P R E L I M I N A R Y
DS007601-Z8X0499
INTERRUPTS
The ASCI channel generates one interrupt (IRQ3) from two
sources of interrupts: a receiver and a transmitter. In addi-
tion, there are several conditions that may cause these in-
terrupts to trigger. Figure 32 illustrates the different condi-
tions for each interrupt source enabled under program
control.
Figure 32. ASCI Interrupt Conditions and Sources
FIFO full
Overrun error
Framing Error
Parity Error
Start Bit
Receiver
Interrupt
Sources
Buffer Empty
Transmitter
Interrupt
Sources
ASCI
Interrupt
(IRQ3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70