Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AXP288D Fiches technique(PDF) 33 Page - Shenzhen X-Powers Technology Co ., Ltd

No de pièce AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Site Internet  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Fiches technique(HTML) 33 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
33
Buck3-
V1P05S/V1P0A/V1P0S
Buck6-V3P3A&ELDO1-
V1P8A
LDO2-V1P2A/S
LDO3-V3P3A
RSMRST_B
SUSPWRDNACK
Buck4-VDDQ
LDO5-VREFDQ
DRAMPWROK
Buck5 - VNN
Buck1-VCC
LDO6-eMMC
SLP_S0IX_B
LDO1-V1P2SX
Non-default on rails
VCCAPWROK
COREPWROK
PLTRST_B
Signals from SoC
BYT SoC initiated clod off Sequence for AXP288D
T0
Buck2-V1P0SX
T1
T2
T3
T4
T5
T6
T7
Figure 9-9
Note:
•
Power down sequencing is the opposite of power up sequencing
•
Buck3, Buck5 and Buck6 power down together
Table 9-7
Parameter
Description
Min
Typical
Max
Units
T0
PLTRST_B assertion to SLP_S0IX_B
assertion
31
100
μs
T1
SLP_S0IX_B
de-assertion
to
SUSPWRDNACK assertion
0
50
μs
T2
SLP_S0IX_B
assertion
to
VCCAPWROK and COREPWROK
de-assertion
0
150
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More