Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASX340 Fiches technique(PDF) 49 Page - List of Unclassifed Manufacturers

No de pièce ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Fiches technique(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 45Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 46Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 47Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 48Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 49Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 50Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 51Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 52Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
49
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Overlay Character Generator
Aptina Confidential and Proprietary
Preliminary
Character Generator
The character generator can be seen as the fifth top layer, but instead of getting the
source from RLE data in the memory buffers, it has a predefined 16 characters stored in
ROM.
All the characters are 1-bit depth color and are sharing the same YCbCr look up table.
Figure 31:
Example of Character Descriptor 0 Stored in ROM
It can show a row of up to 22 characters of 16 x 32 pixels resolution (32 x 32 pixels when
blended with the BT 656 data).
ROM 151413121110
9
8
7
6
5
4
3
2
1
0
0x00
0000000000000000
0x02
0000000000000000
0x04
0000001111000000
0x06
0000011111100000
0x08
0000111111110000
0x0a
0001111001111000
0x0c
0001110000111100
0x0e
0011110000011100
0x10
0011100000011100
0x12
0011100000011110
0x14
0111100000001110
0x16
0111000000001110
0x18
0111000000001110
0x1a
0111000000001110
0x1c
0111000000001110
0x1e
0111000000001110
0x20
0111000000001110
0x22
0111000000001110
0x24
0111000000001110
0x26
0111000000001110
0x28
0011100000001110
0x2a
0011100000011110
0x2c
0011100000011100
0x2e
0011110000011100
0x30
0001110000111000
0x32
0001111001111000
0x34
0000111111110000
0x36
0000011111100000
0x38
0000001111000000
0x3a
0000000000000000
0x3c
0000000000000000
0x3e
0000000000000000
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78