Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASX340 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  ASX340 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
3
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Ordering Information
Aptina Confidential and Proprietary
Preliminary
Ordering Information
New Features
• Automatic 50hz/60hz flicker detection
• 2x upscaling zoom and pan/tilt control
• Independent control of colorburst parameters in the NTSC/PAL encoder
• Horizontal field of view adjustment between 700 and 720 pixels on the analog output
• Option to use single 2.8V power supply with off-chip bypass transistor
• SPI EEPROM support for lower cost system design.
Table 3:
Available Part Numbers
Part Number
Description
ASX340CS2C00SPEA0-E
63-ball cBGA, AS/ES
ASX340CS2C00SPEA0
63-ball cBGA, MP
ASX340CS2C00SPEAH-E
63-ball cBGA, Headboard
ASX340CS2C00SPEAD-E
63-ball cBGA, Demo
MT9V139I83STC ES
CSP ES part number
MT9V139I83STCD ES
Demo kit
MT9V139I83STCH ES
Head Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78