| Moteur de recherche de fiches techniques de composants électroniques |
|
PD780 Fiches technique(PDF) 14 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PD780 Fiches technique(HTML) 14 Page - NEC |
|
14 / 24 page ![]() .f:> Instruction Set (cont) 1::: I � " en OperaUon Code No. 01 No. 01 Flags a Mnemonic Operation Description 7 6 5 4 3 2 1 0 Clocks Bytes C Z PlY S N H � BIT b. (HL ) Z - (HL) b Test BIT b of location (HL ) 1 00 1 0 1 (E) 12 2 • X X a CD 0 b b b 1 0 0 BIT b. (IX + d) Z - (IX + d) b Test BIT b at location (IX + d) 1 1 0 1 1 1 0 1 (E) 20 4 • X X 0 1 1 00 1 0 1 1 d d d d d d d d 0 1 b b b 1 1 0 BIT b. (IV + d) Z - (IV + di b Test BIT b at location (IV + d) 1 1 1 1 1 0 1 (E) 20 4 • X X 0 1 1 00 1 0 1 1 d d d d d d d d 0 1 b b b 1 1 0 BIT b, r Z <- rb Test BIT of Reg, r 1 o 0 1 0 1 1 8 2 • X X 0 0 b b b r r r (8) (E) CALL cc, nn If condition cc false continues, Call subroutine at location nn if ..... cc -+- 0 o (H) 10 3 • • • • • • else same as CALL nn condition cc is true n n n n n n n n n n n n n n n n CALL nn (SP - 1) - PCH Unconditional call subroutine at 00 0 17 3 • • • • • • (SP - 2) - PCl location nn n n n n n n n n PC - nn n n n n n n n n CCF CV - CV Complement carry flag o 0 4 • • • 0 X CP r A - r Compare Reg, r with ACC 0 r r r (8) 4 V CP n A - n Compare value n with ACC 1 0 7 2 V n n n n n n n n CP (HL ) A - (HL ) Compare loc, (HL ) with ACC 0 0 7 V CP (IX + d) A - (IX + d) Compare loc, (IX + d) with ACC 1 1 0 1 1 1 0 1 19 4 V 1 0 1 1 1 1 1 0 d d d d d d d d 1 1 1 1 1 1 0 1 CP (IV + d) Compare loc, (IV + d) with ACC 1 0 1 1 1 1 1 0 19 2 V d d d d d d d d CPO A - (HL) Compare location (HL ) and ACC, 1 0 1 0 1 16 2 • 1(2) 1(1) HL - HL- 1 decrement HLand BC 0 a 00 1 BC - BC - 1 CPDR A - (HL ) Compare location (HL ) and ACC, 0 1 a 21 if BC = 0 2 • 1(2) 1(1) I HL <- HL- 1 decrement H Land BC, repeat until BC = 0 0 1 00 and M( HL ) � BC <- BC - 1 16 if BC=0 until A = (HL ) or BC = 0 or A=(HL) CPI A - (HL ) Compare location (HL ) and ACC, 1 0 1 1 0 16 2 • 1(2) 1(1) 1 HL <- HL + 1, BC - BC - 1 increment HLand decreme nt BC 0 0000 � |